PART |
Description |
Maker |
MC68EC000 MC68EC000D MC68SEC000 MC68SEC000D MC68SE |
M68000 USERS MANUAL ADDENDUM Addendum to M68000 User Manual
|
MOTOROLA[Motorola, Inc]
|
HCNW137 HCNW2601 HCPL-0631 HCPL-4661 HCPL-2612 HCP |
High CMR, High Speed TTL Compatible Optocouplers High CMR Line Receiver Optocouplers Dual Channel High CMR High Speed TTL Compatible Optocouplers 8 Pin DIP and SOIC-8 HCMOS Compatible High CMR 10 MBd Optocouplers
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MC68020FE20 MC68020FC16 MC68020FC20 MC68020RC16 MC |
The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
|
FREESCALE[Freescale Semiconductor, Inc]
|
6N137 HCPL-061A HCNW137 HCPL2631 HCPL-0630 HCPL-06 |
High CMR/ High Speed TTL Compatible Optocouplers HCMOS Compatible/ High CMR/ 10 MBd Optocouplers High CMR, High Speed TTL Compatible Optocouplers 高CMR,高速TTL兼容光
|
Agilent(Hewlett-Packard) Avago Technologies, Ltd.
|
TLP521-2 TLP521-2GB TLP521-2X TLP521-2XGB TLP521-4 |
Fasteners, Washer Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 高密度安装光电晶体管的光耦合隔离 HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 高密度安装光电晶体管的光耦合隔离
|
ISOCOM List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HCPL-2630-000E |
High CMR, High Speed TTL Compatible Optocouplers
|
AVAGO TECHNOLOGIES LIMITED
|
SM6611BBH SM6611BAH SM6611FBH SM6611 SM6611AAH SM6 |
Lens Cap; For Use With:XB2B 22mm Pushbutton Switches; Lens Color:Red; Color:Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No OPERATOR MUSHROOM KEY OPERATED RED 60MM Miniature High-Precision Temperature Switch IC
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
H7422 H7422-01 H7422P-50 H7422-02 H7422-20 H7422-4 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No OSC 5V SMT PLAS 14X9 CMOS Slidelock; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Photosensor Modules
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|